PART |
Description |
Maker |
MN101C78A |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C67D MN101C67G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E11G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C74D MN101C74F MN101C74G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C94A |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
H8/3822R H8/3823R H8/3825R H8/3826R H8/3827R H8/82 |
8BIT SINGLE CHIP MICROCOMPUTER
|
Hitachi Semiconductor Hitachi,Ltd.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
MN103S53G |
Microcomputer - 32bit - General Purpose
|
Panasonic
|
MN103E010H MN103E010HRA MN103E040HYB |
Microcomputer - 32bit - General Purpose Microcomputers/Controllers
|
Panasonic Matsushita Electric Works(Nais)
|